PART |
Description |
Maker |
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1677CS8PBF LT1677IN8 |
Low Noise, Rail-to-Rail Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 120 uV OFFSET-MAX, 6.2 MHz BAND WIDTH, PDSO8 Low Noise, Rail-to-Rail Precision Op Amp
|
Linear Technology, Corp.
|
LT1716 LT1716CS5 LT1716HS5 LT1716IS5 |
Microprocessor Crystal; Frequency:24.576MHz; Frequency Tolerance:20ppm; Load Capacitance:18pF; Crystal Terminals:Radial Leaded; ESR:25ohm; Leaded SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator SOT-23, 44V, Over-the-Top, Micropower, Precision, Rail-to-Rail Comparator
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC20531 LTC2053CDD LTC2053CMS8 LTC2053HMS8 LTC205 |
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 20 uV OFFSET-MAX, PDSO8 Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
|
Linear Technology, Corp.
|
LTC6078 LTC6078_LTC6079 |
Micropower Precision,Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
|
Linear Technology Corporation
|
AD7542AE AD7542BE AD7542GTD/883B AD7542TE/883B PM7 |
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit Digital-to-Analog Converter 12位数字到模拟转换
|
ZETTLER electronics GmbH
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
OP484EP OP-184 OP484ES OP284FS OP284FP |
Precision Rail-to-Rail Input & Output Operational Amplifiers 精密轨到轨输 Precision Rail-to-Rail Input & Output Operational Amplifiers Precision Rail-to-Rail Input & Output Operational Amplifiers
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
TS9511RILT |
Precision rail-to-rail input/output 3 MHz single operational amplifier
|
STMicroelectronics
|